Part Number Hot Search : 
SKY77318 TCVR100A TSOP2 1N475 SGM4056 CDB5342 ATAM862 DMBT1015
Product Description
Full Text Search
 

To Download ACZ09NBR1E-105SD120C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date page 02/2011 1 of 3 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.cui.com series: description: mechanical incremental encoder acz09 electrical specifications parameter conditions/description output waveform square wave output signals a, b phase current consumption 10 ma output phase difference t1, t2, t3, t4 3.5 ms @ 60 rpm supply voltage 5 v dc max. output resolution 10, 15, 20 ppr switch rating 12 v dc, 50 ma (acz09brxe models only) insulation resistance 100 m , 300 v dc, 1 min. withstand voltage 300 v ac, 1 minute; no arc, damage or dielectric breakdown mechanical specifications parameter conditions/description min nom max units shaft load axial 8 kgf rotational torque with detent click without detent click 60 60 140 80 220 100 gf?cm gf?cm push switch operational force (acz09brxe models only) 300 1,500 gf?cm push switch life (acz09brxe models only) 50,000 cycles rotational life 30,000 cycles environmental specifications parameter conditions/description min nom max units operating temperature -10 75 c storage temperature -20 75 c humidity 0 95 % rh vibration 0.75 mm max. travel for 2 hours 10 55 hz part number key acz09 x br x e- xx xx x1- xxx version: ?blank? = switch n = no switch resolution (ppr): 20c10p = 10 ppr, 20 detent 30c15p = 15 ppr, 30 detent 20c = 20 ppr, 20 detent bushing: 1 = m7 x 0.75 (h = 5) 2 = m7 x 0.75 (h = 7) shaft length: 10.5, 12, 15, 20, 25, 30 shaft type: kq = knurled f = d cut s = round, slotted pcb mount: a = horizontal d = vertical
date page 02/2011 2 of 3 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.cui.com series: description: mechanical incremental encoder acz09 mechanical drawing (horizontal) acz09brxe acz09nbrxe mechanical drawing (vertical) acz09brxe acz09nbrxe
date page 02/2011 3 of 3 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.cui.com series: description: mechanical incremental encoder acz09 shaft options f type f t y p e s type s t y p e kq type k q t y p e 15s 20s 25s l 15 20 25 15f 20f 25f l 15 20 25 f 81212 81212 15kq 20kq 25kq l 15 20 25 i 5 8.5 10 71012 h =5 h =7 h =5 h =7 h =5 15s 20s 25s l 15 20 25 h =7 15kq 20kq 25kq l 15 20 25 i 15f 20f 25f l 15 20 25 f


▲Up To Search▲   

 
Price & Availability of ACZ09NBR1E-105SD120C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X